PART |
Description |
Maker |
JANTX1N5619 JANTX1N5619UL JAN1N5619 JAN1N5619UL JA |
HERMETIC AXIAL LEAD/MELF RECTIFIER
|
SENSITRON[Sensitron]
|
1N5819-1 1N5819-108 |
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
|
Sensitron
|
7160 7161 7156 7163 7151 7154 7155 7157 7159 7162 |
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps Submicro Axial Lead LampMicro Axial Lead LampsAxial Lead Lamps
|
GILWAY[Gilway Technical Lamp]
|
Z150SG |
High Voltage Diodes - Axial Lead 300mA - 1500mA ?3000ns ?Hermetic
|
Voltage Multipliers Inc...
|
X150FG X200FG |
High Voltage Diodes - Axial Lead 25mA - 250mA ?200ns ?Hermetic
|
Voltage Multipliers Inc...
|
1N6523 1N6525 |
High Voltage Diodes - Axial Lead 100mA - 500mA ?70ns ?Hermetic ?JANTX ?JANTXV
|
Voltage Multipliers Inc...
|
3KP70CA-HF 3KP70A-HF 3KP45A-HF 3KP36A-HF 3KP36CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5%
|
Comchip Technology
|
1N5819RLG 1N5817 1N5817G 1N5817RL 1N5817RLG 1N5818 |
1A 40V Schottky Rectifier; Package: Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 1000 1 A, 40 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Rectifiers
|
ONSEMI[ON Semiconductor]
|
SI52144-A01AGM SI52144-A01AGMR |
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
|
Silicon Laboratories
|
JANTXSSM225UF-A JANTXSAL175UF-A JANTXSSM200UF-A JA |
1 A, SILICON, SIGNAL DIODE HERMETIC SEALED, MELF-A, 2PIN 1 A, SILICON, SIGNAL DIODE HERMETIC SEALED PACKAGE-2 HERMETIC ULTRAFAST DIODE 1 A, SILICON, SIGNAL DIODE
|
Sensitron Semiconductor
|
MSP1N5914BUR-1A MSP1N5915BUR-1A MSP1N5914BUR-1ATR |
3.6 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB HERMETIC SEALED, GLASS, MELF-2 3.9 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB HERMETIC SEALED, GLASS, MELF-2 4.3 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB HERMETIC SEALED, GLASS, MELF-2 13 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
AL-XJB361-F8 |
Super Orange Red Axial With YOKE Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|
|